Part Number Hot Search : 
1SV103 2SC4809J 72104G2 SDX05 8L05A 1N4006 MT8963AE EM250708
Product Description
Full Text Search
 

To Download BCP51 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
PNP Medium Power Transistors BCP51,BCP52,BCP53
SOT-223
+0.2 6.50-0.2
Transistors
Unit: mm
+0.2 3.50-0.2
High collector current 1.3 W power dissipation.
+0.1 3.00-0.1
+0.2 0.90-0.2 +0.3 7.00-0.3
4
1 base
1 2 2.9 4.6 3
+0.1 0.70-0.1
2 collector 3 emitter
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage (open emitter) BCP51 BCP52 BCP53 Collector-emitter voltage(open base) BCP51 BCP52 BCP53 Emitter-base voltage( open collector) Collector current Peak collector current Peak base current Total power dissipation Tamb Storage temperature Junction temperature Operating ambient temperature Thermal resistance from junction to ambient Thermal resistance from junction to solder point 25 VEBO IC ICM IBM Ptot Tstg Tj Ramb Rth(j-a) Rth(j-s) VCEO VCBO Symbol Rating -45 -60 -100 -45 -60 -80 -5 -1 -1.5 -0.2 1.3 -65 to +150 150 -65 to +150 95 14 K/W K/W Unit V V V V V V V A A A W
+0.15 1.65-0.15
Features
0.1max +0.05 0.90-0.05
www.kexin.com.cn
1
SMD Type
BCP51,BCP52,BCP53
Electrical Characteristics Ta = 25
Parameter Collector cutoff current Emitter cutoff current Symbol ICBO IEBO Testconditons VCB = -30 V, IE = 0 VCB = -30 V, IE = 0; Tj = 125 VEB = -5 V, IC = 0 IC = -5 mA; VCE = -2 V DC current gain hFE IC = -150 mA; VCE = -2 V IC = -500 mA; VCE = -2 V DC current gain BCP51-10,BCP52-10,BCP53-10 BCP51-16,BCP52-16,BCP53-16 Collector-emitter saturation voltage Base to emitter voltage Transition frequency hFE IC = -150 mA; VCE = -2 V IC = -150 mA; VCE = -2 V VCE(sat) IC = -500 mA; IB = -50 mA VBE fT IC = -500 mA; VCE = -2 V IC = -10 mA; VCE = -5 V; f = 100 MHz
Transistors
Min
Typ
Max -100 -10 -100
Unit nA iA nA
63 63 40 63 100 160 250 -0.5 -1 115 V V MHz 250
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of BCP51

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X